Part Number Hot Search : 
12050 95250 AN577 30018 P94039I R1610 DM7405N IDT85304
Product Description
Full Text Search
 

To Download MSA-0200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cascadable Silicon Bipolar MMIC Amplifier Technical Data
MSA-0200
Features
* Cascadable 50 Gain Block * 3 dB Bandwidth: DC to 2.8 GHz * 12.0 dB Typical Gain at 1.0 GHz * Unconditionally Stable (k>1)
The MSA-series is fabricated using HP's 10 GHz fT, 25 GHz f MAX, silicon bipolar MMIC process which uses nitride self-alignment, ion implantation, and gold metallization to achieve excellent performance, uniformity and reliability. The use of an external bias resistor for temperature and current stability also allows bias flexibility. The recommended assembly procedure is gold-eutectic die attach at 400C and either wedge or ball bonding using 0.7 mil gold wire.[1] See APPLICATIONS section, "Chip Use".
Chip Outline[1]
Description
The MSA-0200 is a high performance silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) chip. This MMIC is designed for use as a general purpose 50 gain block. Typical applications include narrow and broad band IF and RF amplifiers in commercial, industrial and military applications.
Note: 1. This chip contains additional biasing options. The performance specified applies only to the bias option whose bond pads are indicated on the chip outline. Refer to the APPLICATIONS section "Silicon MMIC Chip Use" for additional information.
Typical Biasing Configuration
R bias VCC > 7 V
RFC (Optional) C block IN
MSA
C block OUT Vd = 5 V
5965-9695E
6-266
Absolute Maximum Ratings
Parameter Device Current Power Dissipation[2,3] RF Input Power Junction Temperature Storage Temperature Absolute Maximum[1] 60 mA 325 mW +13 dBm 200C -65 to 200C Thermal Resistance[2,4]: jc = 35C/W
Notes: 1. Permanent damage may occur if any of these limits are exceeded. 2. TMounting Surface (TMS) = 25C. 3. Derate at 28.6 mW/C for TMS > 189C. 4. The small spot size of this technique results in a higher, though more accurate determination of jc than do alternate methods. See MEASUREMENTS section "Thermal Resistance" for more information.
MSA-0200 Electrical Specifications[1], TA = 25C
Symbol
GP GP f3 dB VSWR NF P1 dB IP3 tD Vd dV/dT
Parameters and Test Conditions[2]: Id = 25 mA, ZO = 50
Power Gain (|S21| 2) Gain Flatness 3 dB Bandwidth Input VSWR Output VSWR 50 Noise Figure Output Power at 1 dB Gain Compression Third Order Intercept Point Group Delay Device Voltage Device Voltage Temperature Coefficient f = 0.1 to 3.0 GHz f = 0.1 to 3.0 GHz f = 1.0 GHz f = 1.0 GHz f = 1.0 GHz f = 1.0 GHz f = 0.1 GHz f = 0.1 to 1.8 GHz
Units
dB dB GHz
Min.
Typ.
12.5 0.6 2.8 1.4:1 1.4:1
Max.
dB dBm dBm psec V mV/C 4.5
6.5 4.5 17.0 125 5.0 -8.0 5.5
Notes: 1. The recommended operating current range for this device is 18 to 40 mA. Typical performance as a function of current is on the following page. 2. RF performance of the chip is determined by packaging and testing 10 devices per wafer in a dual ground configuration.
Part Number Ordering Information
Part Number MSA-0200-GP4 Devices Per Tray 100
6-267
MSA-0200 Typical Scattering Parameters[1] (ZO = 50 , TA = 25C, Id = 25 mA)
Freq. GHz S11 Mag Ang dB S21 Mag Ang dB S12 Mag Ang Mag S22 Ang
0.1 0.2 0.4 0.6 0.8 1.0 1.5 2.0 2.5 3.0 3.5 4.0 5.0 6.0
.11 .11 .10 .09 .08 .06 .02 .05 .10 .17 .22 .26 .29 .33
179 174 170 166 162 161 -170 -105 -103 -124 -137 -144 -165 -162
12.6 12.6 12.5 12.5 12.4 12.3 12.0 11.5 10.8 9.8 8.7 7.4 5.1 3.3
4.27 4.26 4.24 4.22 4.17 4.13 3.99 3.74 3.46 3.10 2.71 2.35 1.80 1.46
177 172 165 158 152 144 126 109 97 83 68 55 35 20
-18.4 -18.6 -18.4 -18.2 -18.2 -18.0 -17.3 -16.4 -15.8 -15.3 -14.7 -14.3 -13.8 -13.5
.120 .117 .120 .123 .123 .126 .137 .152 .163 .172 .184 .192 .203 .211
1 4 5 7 10 13 17 20 25 26 22 22 17 14
.11 .11 .12 .13 .13 .14 .15 .15 .13 .11 .13 .16 .22 .23
-7 -12 -25 -38 -47 -55 -72 -89 -91 -100 -94 -85 -76 -82
Note: 1. S-parameters are de-embedded from 70 mil package measured data using the package model found in the DEVICE MODELS section.
Typical Performance, TA = 25C
(unless otherwise noted)
14 12 Gain Flat to DC 10 G p (dB) 8 6 4 6 2 0 0.1 0.3 0.5 1.0 3.0 6.0 FREQUENCY (GHz) 4 15 20 25 30 I d (mA) 35 40 G p (dB) 10 7 8 P1 dB (dBm) 0.1 GHz 0.5 GHz 1.0 GHz 2.0 GHz 6 5 4 3 2 -55 -25 +25 +85 P1 dB NF 7 NF (dB) 6 5 4 3 2 +125 12 G p (dB) 14 13 12 11 8 GP 8
TEMPERATURE (C)
Figure 1. Typical Power Gain vs. Frequency, TA = 25C, Id = 25 mA.
Figure 2. Power Gain vs. Current.
Figure 3. Output Power at 1 dB Gain Compression, NF and Power Gain vs. Mounting Surface Temperature, f = 1.0 GHz, Id = 25 mA.
12 10 I d = 40 mA
7.5
7.0 P1 dB (dBm) 8 NF (dB) 6 4 2 I d = 18 mA 0 0.1 0.2 0.3 5.5 0.5 1.0 2.0 4.0 I d = 25 mA 6.0 6.5
I d = 18 mA I d = 25 mA I d = 50 mA
0.1
0.2 0.3
0.5
1.0
2.0
4.0
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 4. Output Power at 1 dB Gain Compression vs. Frequency.
Figure 5. Noise Figure vs. Frequency.
6-268
MSA-0200 Chip Dimensions
NOT APPLICABLE
INPUT
394 m 15.5 mil
GROUND OPTIONAL [1] OUTPUT
394 m 15.5 mil Unless otherwise specified, tolerances are 13 m / 0.5 mils. Chip thickness is 114 m/4.5 mil. Bond pads are 41 m/1.6 mil typical on each side. Note 1: Output contact is made by die attaching the backside of the die.
6-269


▲Up To Search▲   

 
Price & Availability of MSA-0200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X